|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DISCRETE SEMICONDUCTORS DATA SHEET BGY80; BGY81 CATV amplifier modules Product specification File under Discrete Semiconductors, SC16 February 1995 Philips Semiconductors Philips Semiconductors Product specification CATV amplifier modules FEATURES * Excellent linearity * Extremely low noise * Silicon nitride passivation * Rugged construction * TiPtAu metallized crystals ensure optimal reliability. DESCRIPTION Hybrid amplifier modules for CATV systems operating over a frequency range of 40 to 450 MHz at a voltage supply of (DC). The BGY80 is intended for use as a 12.5 dB pre-amplifier and the BGY81 as a 12.5 dB final amplifier. QUICK REFERENCE DATA SYMBOL Gp Itot PARAMETER power gain total current consumption (DC) BGY80 BGY81 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Vi Tstg Tmb RF input voltage storage temperature operating mounting base temperature PARAMETER - -40 -20 MIN. CONDITIONS f = 50 MHz f = 450 MHz VB = 24 V - - MIN. 12 12.5 - - PINNING - SOT115J PIN 1 2 3 5 7 8 9 input common common +VB common common output DESCRIPTION fpage BGY80; BGY81 1 2 3 8 579 Side view MSA319 Fig.1 Simplified outline. TYP. MAX. 13 14 200 240 UNIT dB dB mA mA 180 220 MAX. 65 +100 +100 C C UNIT dBmV February 1995 2 Philips Semiconductors Product specification CATV amplifier modules CHARACTERISTICS Bandwidth 40 to 450 MHz; VB = 24 V; Tmb = 30 C; ZS = ZL = 75 . SYMBOL Gp SL FL S11 PARAMETER power gain slope cable equivalent flatness of frequency response input return losses CONDITIONS f = 50 MHz f = 450 MHz f = 40 to 450 MHz f = 40 to 450 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 450 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 450 MHz S21 CTB phase response composite triple beat BGY80 BGY81 Xmod cross modulation BGY80 BGY81 CSO composite second order distortion BGY80 BGY81 d2 second order distortion BGY80 BGY81 Vo output voltage BGY80 BGY81 F noise figure BGY80 BGY81 Itot total current consumption (DC) BGY80 BGY81 Notes note 3 - - f = 450 MHz - - dim = -60 dB; note 2 61.5 64 f = 50 MHz 60 channels flat; Vo = 46 dBmV; measured at 445.25 MHz 60 channels flat; Vo = 46 dBmV; measured at 55.25 MHz 60 channels flat; Vo = 46 dBmV; measured at 446.5 MHz note 1 - - MIN. 12 12.5 0.2 - 20 19 18 20 19 18 -45 - - - - - - BGY80; BGY81 TYP. - - - - - - - - - - - - - - - - - - - - - - - 180 220 MAX. 13 14 1.5 0.2 - - - - - - +45 -54 -58 -59 -62 -58 -61 -72 -74 - - 7.5 8 200 240 UNIT dB dB dB dB dB dB dB dB dB dB deg dB dB dB dB dB dB dB dB dBmV dBmV dB dB mA mA 1. fp = 55.25 MHz; Vp = 46 dBmV; fq = 391.25 MHz; Vq = 46 dBmV; measured at fp + fq = 446.5 MHz. 2. Measured according to DIN45004B: fp = 440.25 MHz; Vp = Vo; fq = 447.25 MHz; Vq = Vo -6 dB; fr = 449.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 438.25 MHz. 3. The modules normally operate at VB = 24 V, but are able to withstand supply transients up to 30 V. February 1995 3 |
Price & Availability of BGY80 |